Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
4
6.1 PCB DRAWING AND DESCRIPTION
Figure 3.0
DESCRIPTION:
6-1-1.The polarity of the pin 15 and the pin 16:
LED Polarity
symbol
symbol
state
J3,J5
J2, J4
15 Pin
16 Pin
J2,J4
Each solder-bridge
Each open
------
Anode
Cathode
J3,J5
Each solder-bridge
------
Each open
Cathode
Anode
6-1-2. The metal-bezel should be on ground when the J1 is solder-Bridge.
6-1-3.The LED resistor should be bridged when the J6 is solder-Bridge.
6-1-4.The R7 and the R8 are the LED resistor. (R7=10 Ohm, R8=OPEN)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn