Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DEM16216SYH-LY Datasheet HTML 1Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
2
1.FUNCTIONS & FEATURES
l DEM 16216-Series LCD type
:
DEM 16216 SYH-LY
STN Yellow Green
Transflective Positive Mode
l
Viewing Direction
: 6 O’clock
l
Driving Scheme
: 1/16 Duty Cycle, 1/5 Bias
l
Power Supply Voltage
: 2.7 to 5.5V (typ. 5V)
l
Backlight Color
: Yellow Green (lightbox)
l
VLCD (adjustable for best contrast)
: 4.5V (typ.)
l
Display Format
: 16 x 2 Characters (5 x 8 dots, Formal : 192 Kinds )
l
Internal Memory
: CGROM (8,320 bits )
: CGRAM (64 x 8 bits)
: DDRAM (80 x 8 bits for 80 Digits)
l
Interface
: Easy Interface with a 4-bit or 8-bit MPU
2. MECHANICAL SPECIFICATIONS
l
Character Pitch
: 3.55 (W) x 5.95 (H) mm
l
Character Size
: 2.95 (W) x 5.55 (H) mm
l
Character Font
: 5 x 8 dots
l
Dot Size
: 0.55 (W) x 0.65 (H) mm
l
Dot Pitch
: 0.60 (W) x 0.70 (H) mm
3. BLOCK DIAGRAM
MODULE TYPE
LCD TYPE
LCD-MODE
LCD
Controller
LSI
KS0070B
LCD PANEL
2 Line x 16 Characters
DB0~DB7
E
R/W
RS
V
0
VDD
VSS
COM1~COM16
SEG1~SEG80
BACKLIGHT
A
K
Figure 1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn