Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DEM16216SYH-LY Datasheet HTML 1Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
1
1. FUNCTIONS & FEATURES-------------------------------------------------------------------------------------------------- 2
2. MECHANICAL SPECIFICATIONS ----------------------------------------------------------------------------------------- 2
3. BLOCK DIAGRAM ------------------------------------------------------------------------------------------------------------- 2
4. EXTERNAL DIMENSIONS --------------------------------------------------------------------------------------------------- 3
5. PIN ASSIGNMENT-------------------------------------------------------------------------------------------------------------- 3
6.1 PCB DRAWING AND DESCRIPTION------------------------------------------------------------------------------------ 4
6.2 EXAMPLE APPLICATION -------------------------------------------------------------------------------------------------- 5
6.3 THE MODULE NO. IS PRINTED ON THE PCB----------------------------------------------------------------------- 5
7. BACKLIGHT & SWITCH------------------------------------------------------------------------------------------------------ 6
8. DISPLAY DATA RAM (DDRAM)------------------------------------------------------------------------------------------- 6
9. INSTRUCTION DESCRIPTION---------------------------------------------------------------------------------------------- 7
10. INTERFACE WITH MPU IN BUS MODE ------------------------------------------------------------------------------- 11
1) INTERFACE WITH 8-BIT MPU -------------------------------------------------------------------------------------- 11
2) INTERFACE WITH 4-BIT MPU -------------------------------------------------------------------------------------- 11
11. INITIALIZING BY INSTRUCTION --------------------------------------------------------------------------------------- 12
11-1 8-BIT INTERFACE MODE --------------------------------------------------------------------------------------------- 12
11-2 4-BIT INTERFACE MODE --------------------------------------------------------------------------------------------- 13
12.MAXIMUM ABSOLUTE POWER RATINGS ---------------------------------------------------------------------------- 14
13.ELECTRICAL CHARACTERISTICS--------------------------------------------------------------------------------------- 14
13-1-1 DC CHARACTERISTICS--------------------------------------------------------------------------------------------- 14
13-2-1 AC CHARACTERISTICS --------------------------------------------------------------------------------------------- 16
13-2-2 WRITE MODE----------------------------------------------------------------------------------------------------------- 17
13-2-3 READ MODE ------------------------------------------------------------------------------------------------------------ 17
14.CHARACTER GENERATOR ROM (KS0070B-00)---------------------------------------------------------------------- 18
15. FRAME FREQUENCY -------------------------------------------------------------------------------------------------------------19
16. LCD MODULES HANDLING PRECAUTIONS ------------------------------------------------------------------------ 20
17. OTHERS ------------------------------------------------------------------------------------------------------------------------- 20
CONTENTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn