Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 19Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 20Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 21Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
20
16. LCD Modules Handling Precautions
n
The display panel is made of glass. Do not subject it to a mechanical shock by dropping it from a
high place, etc.
n
If the display panel is damaged and the liquid crystal substance inside it leaks out, do not get any
in your mouth. If the substance come into contact with your skin or clothes promptly wash it off
using soap and water.
n
Do not apply excessive force to the display surface or the adjoining areas since this may cause the
color tone to vary.
n
The polarizer covering the display surface of the LCD module is soft and easily scratched. Handle
this polarize carefully.
n
To prevent destruction of the elements by static electricity, be careful to maintain an optimum
work environment.
-Be sure to ground the body when handling the LCD module.
-Tools required for assembly, such as soldering irons, must be properly grounded.
-To reduce the amount of static electricity generated, do not conduct assembly and other work
under dry conditions.
-The LCD module is coated with a film to protect the display surface. Exercise care when peeling
off this protective film since static electricity may be generated.
n
Storage precautions
When storing the LCD modules, avoid exposure to direct sunlight or to the light of fluorescent
lamps. Keep the modules in bags designed to prevent static electricity charging under low
temperature / normal humidity conditions (avoid high temperature / high humidity and low
temperatures below 0°C).Whenever possible, the LCD modules should be stored in the same
conditions in which they were shipped from our company.
17. Others
n
Liquid crystals solidify at low temperature (below the storage temperature range) leading to
defective orientation of liquid crystal or the generation of air bubbles (black or white). Air bubbles
may also be generated if the module is subjected to a strong shock at a low temperature.
n
If the LCD modules have been operating for a long time showing the same display patterns may
remain on the screen as ghost images and a slight contrast irregularity may also appear. Abnormal
operating status can be resumed to be normal condition by suspending use for some time. It should
be noted that this phenomena does not adversely affect performance reliability.
n
To minimize the performance degradation of the LCD modules resulting from caused by static
electricity, etc. exercise care to avoid holding the following sections when handling the modules:
- Exposed area of the printed circuit board
- Terminal electrode sections


Similar Part No. - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
More results

Similar Description - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
LY30DC24 OMRON-LY30DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
Analog Devices
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
Powerbox
Powerbox
SM3300 POWERBOX-SM3300 Datasheet
456Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
   1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz