Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 19Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 20Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 21Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
16
13-2-1 AC Characteristics
(VDD = 4.5V ~ 5.5V, Ta = -25 ~ +75°C)
Mode
Item
Symbol Min
Typ
Max
Unit
E Cycle Time
tC
500
---
---
E Rise/Fall Time
tR,tF
---
---
25
(1) Write Mode
E Pulse Width (High, Low)
tw
220
---
---
(refer
to
13-2-2
write mode )
R/W and RS Setup Time
tsu1
40
---
---
ns
R/W and RS Hold Time
tH1
10
---
---
Data Setup Time
tsu2
60
---
---
Data Hold Time
tH2
10
---
---
E Cycle Time
tC
500
---
---
E Rise/Fall Time
tR,tF
---
---
25
(2) Read Mode
E Pulse Width (High, Low)
tw
220
---
---
(refer
to
13-2-3
read mode )
R/W and RS Setup Time
tsu
40
---
---
ns
R/W and RS Hold Time
tH
10
---
---
Data Out Delay Time
tD
---
---
120
Data Hold Time
tDH
20
---
---
(VDD = 2.7V ~ 4.5V, Ta = -20 ~ +70°C)
Mode
Item
Symbol Min
Typ
Max
Unit
E Cycle Time
tC
1400
---
---
E Rise/Fall Time
tR,tF
---
---
25
(3) Write Mode
E Pulse Width (High, Low)
tw
400
---
---
(refer
to
13-2-2
write mode )
R/W and RS Setup Time
tsu1
60
---
---
ns
R/W and RS Hold Time
tH1
20
---
---
Data Setup Time
tsu2
140
---
---
Data Hold Time
tH2
10
---
---
E Cycle Time
tC
1400
---
---
E Rise/Fall Time
tR,tF
---
---
25
(4) Read Mode
E Pulse Width (High, Low)
tw
450
---
---
(refer
to
13-2-3
read mode )
R/W and RS Setup Time
tsu
60
---
---
ns
R/W and RS Hold Time
tH
20
---
---
Data Out Delay Time
tD
---
---
360
Data Hold Time
tDH
5
---
---


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn