Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 19Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 20Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
15
(CONTINUED)
(VDD = 2.7V ~ 4.5V, Ta = -25 ~ +75°C)
Standard Value
Item
Symbol
MIN
TYP MAX
Test
Condition
Unit
Operating Voltage
V
DD
2.7
---
4.5
-------
V
I
DD1
----
0.3
0.5
Ceramic oscillation
fosc=250kHz
Supply Current
I
DD2
----
0.17
0.3
Resistor oscillation
external clock operation
fosc=270kHz
mA
V
IL1
-0.3
--
0.4
--------
Input Voltage(1)
(except OSC1)
V
IH1
0.7V
DD
--
V
DD
---------
V
V
IL2
--
0.2V
DD
----------
Input Voltage(2)
( OSC1)
V
IH2
0.7V
DD
--
V
DD
----------
V
V
OL1
---
----
0.4
IOL=0.1mA
Output Voltage (1)
(DB0 to DB7)
V
OH1
2.0
---
----
IOH=-0.1mA
V
V
OL2
------
---
0.2VDD
IOL=40uA
Output Voltage (2)
(except DB0 to DB7)
V
OH2
0.8VDD
---
-----
IOH=-40uA
V
Vd
COM
-----
---
1
Voltage Drop
Vd
SEG
------
---
1.5
IO=±0.1 mA
V
Input Leakage Current
I
IL
-1
---
1
VIN=0 V to VDD
uA
Input Low Current
I
IN
-10
-50
-120 VIN=0V,VDD=3V(pull up)
uA
Internal Clock
(external Rf)
f
IC
190
250
350
Rf = 75k
Ω ± 2%
(VDD=3V)
kHz
f
EC
125
270
350
----
kHz
Duty
45
50
55
----
%
External Clock
t
R,tF
---
---
0.2
----
us
LCD Driving Voltage VLCD
3.0
---
10.0
VDD-V5 (1/5,1/4 Bias)
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn