Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 19Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
14
12. MAXIMUM ABSOLUTE POWER RATINGS
Item
Symbol
Standard value
Unit
Power supply voltage (1)
VDD
-0.3 ~ +7.0
V
Power supply voltage (2)
VLCD
VDD-15.0 ~ VDD+0.3
V
Input voltage
VIN
-0.3 ~ VDD+0.3
V
Volt. For BL
VLED1
4 ~ 4.5
V
Operating temperature
Topr
-20 ~ +70
°C
Storage temperature
Tstg
-25 ~ +75
°C
13. ELECTRICAL CHARACTERISTICS
13-1-1 DC Characteristics (VDD = 4.5V ~ 5.5V, Ta = -25 ~ +75°C)
Standard Value
Item
Symbol
MIN
TYP MAX
Test
Condition
Unit
Operating Voltage
V
DD
4.5
---
5.5
-------
V
I
DD1
----
0.7
1.0
Ceramic oscillation
fosc=250kHz
Supply Current
I
DD2
----
0.4
0.6
Resistor oscillation external
clock operation
fosc=270kHz
mA
V
IL1
-0.3
--
0.6
--------
Input Voltage(1)
(except OSC1)
V
IH1
2.2
--
V
DD
---------
V
V
IL2
-0.2
--
1.0
----------
Input Voltage(2)
( OSC1)
V
IH2
VDD-1.0
--
V
DD
----------
V
V
OL1
---
----
0.4
IOL=1.2uA
Output Voltage (1)
(DB0 to DB7)
V
OH1
2.4
---
----
IOH=-0.205mA
V
V
OL2
------
---
0.1VDD
IOL=40uA
Output Voltage (2)
(except DB0 to DB7)
V
OH2
0.9VDD
---
-----
IOH=-40uA
V
Vd
COM
-----
---
1
Voltage Drop
Vd
SEG
------
---
1
IO=±0.1 mA
V
Input Leakage Current
I
IL
-1
---
1
VIN=0 V to VDD
uA
Input Low Current
I
IN
-50
-125
-250
VIN=0V,VDD=5V(pull up)
uA
Internal Clock
(external Rf)
f
IC
190
270
350
Rf = 91k
Ω ± 2%
(VDD=5V)
kHz
f
EC
150
250
350
----
kHz
Duty
45
50
55
----
%
External Clock
t
R,tF
---
---
0.2
----
us
LCD Driving Voltage VLCD
4.6
---
10.0
VDD-V5 (1/5,1/4 Bias)
V


Similar Part No. - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
More results

Similar Description - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
LY30DC24 OMRON-LY30DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
Analog Devices
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
Powerbox
Powerbox
SM3300 POWERBOX-SM3300 Datasheet
456Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
   1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz