Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
13
11-2. 4-bit interface mode
Power on
Condition : fosc=270khz
Wait for more than 30ms
after VDD rises to 4.5v
Function set
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
1-line mode
0
0
0
0
1
0
X
X
X
X
N
1
2-line mode
0
0
0
0
1
0
X
X
X
X
0
5 x 7 dots
0
0
N
F
X
X
X
F
X
X
F
1
5 x 10 dots
Wait for more than 39us
Display on/off control
0
display off
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
D
1
Display on
0
0
0
0
0
0
X
X
X
X
0
cursor off
0
0
1
D
C
B
X
X
X
X
C
1
cursor on
0
blink off
B
1
blink on
Wait for more than 39us
Display clear
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
X
X
X
X
0
0
0
0
0
1
X
X
X
X
Wait for more than 1.53ms
Entry mode set
0
decrement mode
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
I/D
1
increment mode
0
0
0
0
0
0
X
X
X
X
0
entire shift off
0
0
0
1
I/D
SH
X
X
X
X
SH
1
entire shift on
Initialization end


Similar Part No. - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
More results

Similar Description - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
LY30DC24 OMRON-LY30DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
Analog Devices
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
Powerbox
Powerbox
SM3300 POWERBOX-SM3300 Datasheet
456Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
   1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz