Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 10Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
12
11. INITIALIZING BY INSTRUCTION
11-1. 8-bit interface mode
Power on
Condition : fosc=270khz
Wait for more than 30ms
after VDD rises to 4.5V
0
1-line mode
Function set
N
1
2-line mode
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
1
1
N
F
X
X
0
5 x 7 dots
F
1
5 x 10 dots
Wait for more than 39us
0
display off
Display on/off control
D
1
display on
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
1
D
C
B
0
cursor off
C
1
cursor on
Wait for more than 39us
0
blink off
B
1
blink on
Display clear
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
0
0
0
1
Wait for more than 1.53ms
0
decrement mode
I/D
1
increment mode
Entry mode set
RS
RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
0
0
0
0
0
0
1
I/D
SH
0
entire shift off
SH
1
entire shift on
Initialization end


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn