Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 10Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
11
10. INTERFACE WITH MPU IN BUS MODE
1) Interface with 8-bit MPU
When interfacing data length are 8-bit, transfer is performed all at once through 8-ports, from DB0 to DB7.
An example of the timing sequence is shown below.
2) Interface with 4-bit MPU
When interfacing data length are 4-bit, only 4 ports, from DB4 to DB7, are used as data bus.
At first, higher 4-bit (in case of 8-bit bus mode, the contents of DB4 to DB7) are transferred, and then the lower 4-bit
(in case of 8-bit bus mode, the contents of DB0 to DB3) are transferred. So transfer is performed in two parts. Busy
flag outputs”1”after the second transfer are ended.
Example of timing sequence is shown below.
RS
R/W
E
internal Singnal
DB7
internal Operation
Data
Data
Busy
Busy
No
Busy
instruction
Busy Flag
check
instruction
Busy Flag
check
Busy Flag
check
Figure 6.0 Example of 8-bit bus mode timing diagram
RS
R/W
E
internal Singnal
DB7
internal Operation
Busy
No
Busy
instruction
Busy Flag check
instruction
Busy Flag Check
Figure 7.0 Example of 4-bit bus mode timing
diagram


Similar Part No. - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
More results

Similar Description - DEM16216SYH-LY

ManufacturerPart No.DatasheetDescription
Omron Electronics LLC
Omron Electronics LLC
LY30DC24 OMRON-LY30DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
Analog Devices
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
Powerbox
Powerbox
SM3300 POWERBOX-SM3300 Datasheet
456Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
   1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
   A C / D C S I N G L E O U T P U T S U P P LY
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
   3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz