Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 10Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
8
4) Display ON/OFF control
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
1
D
C
B
Control display/cursor/blink ON/OFF 1-bit register.
D: Display ON/OFF control bit
When D=”1”, entire display is turned on.
When D=”0’, display is turned off, but display data remains in DDRAM.
C: cursor or ON/OFF control bit
When C=”1”, cursor is turned on.
When C=”0”, cursor disappears in current display, but I/D register retains its dat.
B: cursor blink ON/OFF control bit
When B=”1”, cursor blink is on, which performs alternately between all the “1” data and display characters at the
cursor position.
When B=”0”, blink is off
5) Cursor or display shift
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
1
S/C
R/L
X
X
Without writing or reading the display data, shift right/left cursor position or display.
This instruction is used to correct or search display data. (refer to table 40
During 2-line mode display, cursor moves to the 2nd line after the 40st digit of the 1st line.
Note tat display shift is performed simultaneously in all the lines.
When displayed data is shifted repeatedly, each line shifts individually.
When display shift is performed, the contents of the address counter are not changed.
Table 4. shift patterns according to S/C and R/L bits
S/C
R/L
operation
0
0
Shift cursor to the left, AC is decreased by 1
0
1
Shift cursor to the right, AC is decreased by 1
1
0
Shift all the display to the left, cursor moves according to the display
1
1
Shift all the display to the right, cursor moves according to the display


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn