Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

908E626 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

908E626 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
908E626
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40°C TJ 135°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Nominal Operating Voltage
VSUP
8.0
18
V
SUPPLY CURRENT
NORMAL Mode
VSUP = 12 V, Power Die ON (PSON=1), MCU Operating Using
Internal Oscillator at 32 MHz (8.0 MHz Bus Frequency), SPI, ESCI,
ADC Enabled
IRUN
20
mA
DIGITAL INTERFACE RATINGS (ANALOG DIE)
Output Terminals RST_A, IRQ_A
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 1.0 µA)
VOL
VOH
3.85
0.4
V
Output Terminals BEMF, RXD
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 1.5 mA)
VOL
VOH
3.85
0.4
V
Output Terminal RXD–Capacitance (8)
CIN
4.0
pF
Input Terminals RST_A, FGEN, SS
Input Logic Low Voltage
Input Logic High Voltage
VIL
VIH
3.5
1.5
V
Input Terminals RST_A, FGEN, SS–Capacitance (8)
CIN
4.0
pF
Terminals RST_A, IRQ_A–Pullup Resistor
RPULLUP1
10
k
Terminal SS–Pullup Resistor
RPULLUP2
60
k
Terminals FGEN, MOSI, SPSCK–Pulldown Resistor
RPULLDOWN
60
k
Terminal TXD–Pullup Current Source
IPULLUP
35
µA
Notes
8.
This parameter is guaranteed by process monitoring but is not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn