Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6271ACRZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6271ACRZ-T
Description  Integrated XScale Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6271ACRZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6271ACRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 12Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 13Page - Intersil Corporation ISL6271ACRZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9171.1
BBAT
The BBAT pin is an input voltage to the ISL6271A that
supports the BFLT# indicator function as described above.
When the main battery is absent, or of inadequate potential,
the BBAT input voltage supplies power to support the BFLT#
indicator. The input voltage must be between 1.5V and
3.75V for proper operation and is typically supplied from the
system back-up battery. The maximum current drain from
the BBAT pin is 0.1µA.
PGOOD
PGOOD is an open-drain output that indicates the status of the
three regulators (VOUT, VSRAM, VPLL). This output is held
low until all outputs are within their specified voltage tolerance.
As soon as outputs are in regulation, the output is released and
pulled high by an external resistor tied to a compliant system
voltage. This output can be AND’d with other system power-
good indicators that also have open-drain outputs. Note that
this is not a latched output and under a soft short condition on
any of the regulators it is possible to see this pin oscillate at a
frequency proportional to the fault current level and the fault
monitoring hysteresis internal to the ISL6271A regulator.
PHASE Node Ring Damping Circuit
To enhance system reliability and minimize radiated
emission, the ISL6271A implements a PHASE node snubber
while operating in diode emulation. The active snubber
places a 50
Ω (nominal) resistor across the output inductor
when the low side synchronous rectifier is turned off to
prevent reverse current.
Inter-IC Communications
Communication between the host processor and the
ISL6271A takes place over a two-wire I2C interface. The bus
consists of one bidirectional signal line, SDA (data), and a
clock pin input, SCL, generated by the bus master. Both pins
are pulled-high to a system voltage with external pull-up
resistors. A typical pull-up resistor value for a single
master/slave interface operating in normal mode is 5k
Ω.
See the Phillips specification listed in the reference section for
specific details on the selection of the pull-up resistor. The bus
supports both standard mode and fast mode data rates as
defined by the Phillips protocol. A typical I2C transmission is
illustrated in Figure 17. When the bus-resident master
(processor) wants to communicate with a bus-resident slave
(ISL6271A), it will pull the SDA line low while the SCL line is
still high. This signals a “start” condition. It will then clock the
address of the desired slave device at a rate of one bit per
clock cycle. The address is embedded in the first seven bits of
the first byte transfer, with the eighth bit giving the directional
information (Read/Write) for the next byte of information.
When the slave detects an address match, it will hold the SDA
line low during the ninth clock pulse to acknowledge a match
(ACK). If the direction bit indicates a “write” (send) byte, the
slave will receive the byte clocked in by the master and will
give an “acknowledge” by again pulling the SDA line low
during the ninth clock cycle. The master then can either
terminate transmission by issuing a “stop” bit, or continue to
transfer successive bytes until complete.
Multiple successive bytes can be transferred with only an
acknowledge bit separating them until a “stop” or repeated
“start” signal is given by the master. The data embedded in
the byte is latched into its appropriate register(s) on the rising
edge of the SCL during the acknowledge pulse and is applied
to the ISL6271A DAC. The internal DAC on the ISL6271A
converts the 4 bit digital input as defined in Table 1 into the
reference voltage of the core regulator error amplifier.
If the master issues a ‘read’ command to the ISL6271A, to
verify the contents of the internal registers, the device will
place the byte on the bus to be clocked in by the master.
After the host master receives the byte, the cycle is
terminated by a “NOT acknowledge” signal, and a ‘stop’ bit.
A ‘stop’ is generated by releasing the SDA line to pull high
during a high state on the SCL line.
FIGURE 17. I2C DATA AND CLOCK
P
Sr
Sr
OR
P
S
OR
Sr
SDA
SCL
START OR
REPEATED START
CONDITION
STOP OR
REPEATED START
CONDITION
1
27
8
9
MSB
acknowledgement
signal from slave
acknowledgement
signal from receiver
9
12
3-8
ACK
ACK
clock line held low while
interrupts are serviced
byte complete,
interrupt within slave
ISL6271A


Similar Part No. - ISL6271ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6271ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
   Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271A RENESAS-ISL6271A Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intel Corporation
81348 INTEL-81348 Datasheet
948Kb / 89P
   Two Integrated Intel XScale processors
logo
Silicon Laboratories
SL28PCIE25 SILABS-SL28PCIE25 Datasheet
419Kb / 17P
   Integrated voltage regulator
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
logo
Micrel Semiconductor
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
   Integrated FET Buck Regulator
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com