Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP2358 Datasheet(PDF) 6 Page - AIT Components Ltd.

Part No. AP2358
Description  AC-DC PWM CONTROLLER CURRENT MODE PWM POWER SWITCH FREQ SHUFFLING
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

AP2358 Datasheet(HTML) 6 Page - AIT Components Ltd.

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP2358
AC-DC PWM CONTROLLER
CURRENT MODE PWM POWER SWITCH FREQ SHUFFLING
REV1.0
- JUN 2016 RELEASED -
- 6 -
TYPICAL PERFORMANCE CHARACTERISTICS
The characteristic graphs are normalized at TA=25℃
1.
VDD vs. Operation Current
2.
Fosc(kHz) vs. Temperature(°C)
3.
Vth_OC(V) vs. duty(%)
4.
Istartup(uA) vs. Temperature(°C)
5.
UVLO(ON)(V) vs. Temperature(°C)
6.
UVLO(OFF)(V) vs. Temperature(°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn