Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP2358 Datasheet(PDF) 3 Page - AIT Components Ltd.

Part No. AP2358
Description  AC-DC PWM CONTROLLER CURRENT MODE PWM POWER SWITCH FREQ SHUFFLING
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

AP2358 Datasheet(HTML) 3 Page - AIT Components Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AP2358
AC-DC PWM CONTROLLER
CURRENT MODE PWM POWER SWITCH FREQ SHUFFLING
REV1.0
- JUN 2016 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
Drain Voltage (off state)
-0.3V ~ 600V
VDD Voltage
-0.3V ~ 30V
VDDG Input Voltage
-0.3V ~ 30V
VDD Clamp Continuous Current
10mA
FB Input Voltage
-0.3V ~ 7V
SENSE Input Voltage
-0.3V ~ 7V
TJ, Min/Max Operating Junction Temperature
0℃ ~ 125℃
Tstg, Min/Max Storage Temperature
-25℃ ~ 150℃
Lead Temperature (Soldering,10secs)
260℃
Ambient Operating Temperature
-25℃ ~ 85℃
θJC, Thermal Resistance from Junction to case
15℃/W
θJA , Thermal Resistance from Junction to ambient
75℃/W
Stress beyond above listed Absolute Maximum Ratings may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
NOTE: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to exposed pad.
OUTPUT POWER TABLE
Product
230VAC±10%
85-264VAC
Package
Open Frame
Open Frame
AP2358
15W
12W
DIP7
NOTE: Maximum practical continuous power in an open frame design with sufficient drain pattern as a heat sink, at 50℃ ambient.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn