Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6271ACR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6271ACR
Description  Integrated XScale Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6271ACR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6271ACR Datasheet HTML 1Page - Intersil Corporation ISL6271ACR Datasheet HTML 2Page - Intersil Corporation ISL6271ACR Datasheet HTML 3Page - Intersil Corporation ISL6271ACR Datasheet HTML 4Page - Intersil Corporation ISL6271ACR Datasheet HTML 5Page - Intersil Corporation ISL6271ACR Datasheet HTML 6Page - Intersil Corporation ISL6271ACR Datasheet HTML 7Page - Intersil Corporation ISL6271ACR Datasheet HTML 8Page - Intersil Corporation ISL6271ACR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9171.1
Typical Operating Performance
Test results from the Intersil ISL6271A Customer Reference Board (CRB). Output filter on switcher made up of a 4.7µH drumcore with 100m
Ω of
DCR and an output capacitance of 10µF. X5R; Rcomp = 50k
Ω, Vin = 3.6V unless otherwise noted.
FIGURE 3. EFFICIENCY (Vin = 3.6V)
FIGURE 4. VSRAM LINE-LOAD REGULATION
FIGURE 5. SWITCHING REGULATOR EFFICIENCY
50mA to 260mA load step on VOUT.
Top: Output voltage, 50mV/DIV; Phase node, 5V/DIV.;
Inductor current, 200mA/DIV, 2µs/DIV
FIGURE 6. DCM TO CCM
Top: phase node output voltage ripple, 10mV/DIV.
Bottom: Inductor current, 100mA/DIV, 1µs/DIV
FIGURE 7. CCM TO CCM
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
200
400
600
800
Io (mA)
Vo=1.6V
Vo=1.3V
1.085
1.086
1.087
1.088
1.089
1.09
1.091
1.092
1.093
1.094
1.7
2.5
3.5
INPUT VOLTAGE
Iout = 85mA
Io = 10mA
Io = 25mA
Iout = 55mA
1.301
1.302
1.303
1.304
1.305
1.306
1.307
1.308
1.309
1.7
2.5
3.5
INPUT VOLTAGE
Iout = 65mA
Io = 5mA
Io = 20mA
Iout = 55mA
VOUT
IOUT
PHASE
ISL6271A


Similar Part No. - ISL6271ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
   Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271ACRZ RENESAS-ISL6271ACRZ Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intersil Corporation
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6271ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
   Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271A RENESAS-ISL6271A Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intel Corporation
81348 INTEL-81348 Datasheet
948Kb / 89P
   Two Integrated Intel XScale processors
logo
Silicon Laboratories
SL28PCIE25 SILABS-SL28PCIE25 Datasheet
419Kb / 17P
   Integrated voltage regulator
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
logo
Micrel Semiconductor
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
   Integrated FET Buck Regulator
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com