Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5333A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5333A
Description  High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5333A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5333A Datasheet HTML 3Page - Fairchild Semiconductor FAN5333A Datasheet HTML 4Page - Fairchild Semiconductor FAN5333A Datasheet HTML 5Page - Fairchild Semiconductor FAN5333A Datasheet HTML 6Page - Fairchild Semiconductor FAN5333A Datasheet HTML 7Page - Fairchild Semiconductor FAN5333A Datasheet HTML 8Page - Fairchild Semiconductor FAN5333A Datasheet HTML 9Page - Fairchild Semiconductor FAN5333A Datasheet HTML 10Page - Fairchild Semiconductor FAN5333A Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.fairchildsemi.com
FAN5333A/FAN5333B Rev. 1.0.1
Mechanical Dimensions
5-Lead SOT-23
Ordering Information
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
A
.035
.057
.90
1.45
A1
.000
.006
.00
.15
B
.008
.020
.20
.50
c
.003
.010
.08
.25
D
.106
.122
2.70
3.10
E
.059
.071
1.50
1.80
e
.037 BSC
.95 BSC
e1
.075 BSC
1.90 BSC
H
.087
.126
2.20
3.20
L
.004
.024
.10
.60
10º
10º
Product Number
Package Type
Order Code
FAN5333A
5-Lead SOT23
FAN5333ASX
FAN5333B
5-Lead SOT23
FAN5333BSX
D
e1
e
B
E
H
A
A1
α


Similar Part No. - FAN5333A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
More results

Similar Description - FAN5333A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com