Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P004-L06 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P004-L06
Description  C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-L06 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P004-L06 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-L06 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-L06 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OVERVIEW
UPC Code
037332218117
Country/Region
Global
INPUT
Maximum Input Amps
10
Cable Length (ft.)
6
Cable Length (m)
1.8
Cable Length (in.)
72
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
0.50 x 7.00 x 10.00
Shipping Dimensions (hwd / cm)
1.27 x 17.78 x 25.40
Shipping Weight (lbs.)
0.44
Shipping Weight (kg)
0.20
Color
Black
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 to 221 F (-20 to 105 C)
Storage Temperature Range
-4 to 221 F (-20 to 105 C)
Operating Humidity Range
0-65% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13 - LOCKING
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
Yes
CERTIFICATIONS
2 / 3


Similar Part No. - P004-L06

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
P004-L03 TRIPPLITE-P004-L03 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
More results

Similar Description - P004-L06

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-L03 TRIPPLITE-P004-L03 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
P004-L10 TRIPPLITE-P004-L10 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 10 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
P004-006-ABL TRIPPLITE-P004-006-ABL Datasheet
179Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., Blue
P004-006-AOR TRIPPLITE-P004-006-AOR Datasheet
179Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., Orange
P004-006-ARD TRIPPLITE-P004-006-ARD Datasheet
181Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., Red
P004-006-AGN TRIPPLITE-P004-006-AGN Datasheet
175Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., Green
P004-006-AWH TRIPPLITE-P004-006-AWH Datasheet
166Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 6 ft., White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com