Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC164245DLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC164245DLR
Description  16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC164245DLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC164245DLR Datasheet HTML 1Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 2Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 3Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 4Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 5Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 6Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 7Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 8Page - Texas Instruments SN74ALVC164245DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74ALVC164245
16BIT 2.5V TO 3.3V/3.3V TO 5V LEVELSHIFTING TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS416L − MARCH 1994 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Max tpd of 5.8 ns at 3.3 V
D ±24-mA Output Drive at 3.3 V
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
description/ordering information
This
16-bit
(dual-octal)
noninverting
bus
transceiver contains two separate supply rails.
B port has VCCB, which is set to operate at 3.3 V
and 5 V. A port has VCCA, which is set to operate
at 2.5 V and 3.3 V. This allows for translation from
a 2.5-V to a 3.3-V environment, and vice versa, or
from a 3.3-V to a 5-V environment, and vice versa.
The
SN74ALVC164245
is
designed
for
asynchronous communication between data
buses.
To ensure the high-impedance state during power
up or power down, the output-enable (OE) input
should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the
current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube of 25
SN74ALVC164245DL
ALVC164245
SSOP − DL
Reel of 1000
SN74ALVC164245DLR
ALVC164245
−40
°C to 85°C
TSSOP − DGG
Reel of 2000
SN74ALVC164245DGGR
ALVC164245
−40
°C to 85°C
TSSOP − DGG
Reel of 250
SN74ALVC164245DGGT
ALVC164245
VFBGA − GQL
Reel of 1000
SN74ALVC164245KR
VC4245
VFBGA − ZQL (Pb-free)
Reel of 1000
74ALVC164245ZQLR
VC4245
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each 8-bit section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
(3.3 V, 5 V) VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
(3.3 V, 5 V) VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA (2.5 V, 3.3 V)
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA (2.5 V, 3.3 V)
2A5
2A6
GND
2A7
2A8
2OE


Similar Part No. - SN74ALVC164245DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245DLR TI-SN74ALVC164245DLR Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DLR TI-SN74ALVC164245DLR Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DLR TI-SN74ALVC164245DLR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DLR TI1-SN74ALVC164245DLR Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC164245DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
   Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
54C164245 STMICROELECTRONICS-54C164245 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
   2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
logo
STMicroelectronics
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com