Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-315E-HH000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-315E-HH000
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-315E-HH000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-315E-HH000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-315E-HH000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HER Low Current
Figure 12. Relative Luminous
Intensity vs. DC Forward Current.
Figure 11. Forward Current vs.
Forward Voltage.
Figure 10. Maximum Allowable
Average or DC Current vs. Ambient
Temperature.
0
0
VF – FORWARD VOLTAGE – V
1.0
2.0
50
40
30
20
10
0.5
1.5
3.0
HER
2.5
16
0
2
4
6
8
10
12
14
20
100
90
80
70
60
50
40
30
TA – AMBIENT TEMPERATURE – °C
120
110
20
18
J-A
R
θ
= 770°C/W
HER
0
0
VF – FORWARD CURRENT PER SEGMENT – mA
610
16
12
10
6
2
28
16
HER
14
14
8
4
412
Intensity Bin Limits (mcd)
HER Low Current, AlGaAs Red Low Current
HER Std. Current, Green Std. Current,
Yellow Std. Current
HDSP-31xL/H, HDSP-51xL/H
IV Bin Category
Min.
Max.
E
0.180
0.360
F
0.280
0.560
G
0.450
0.900
H
0.700
1.400
I
1.100
2.200
K
1.800
3.600
L
2.800
5.600
M
4.500
9.000
N
7.000
15.000
HDSP-31xE/G/Y, HDSP-51xE/G/Y
IV Bin Category
Min.
Max.
G
0.450
0.900
H
0.700
1.400
I
1.100
2.200
K
1.800
3.600
L
2.800
5.600
M
4.500
9.000
N
7.000
15.000


Similar Part No. - HDSP-315E-HH000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315E AVAGO-HDSP-315E Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315E HP-HDSP-315E Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315E AVAGO-HDSP-315E Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315E-HH000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com