Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1073 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1073
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073 Datasheet(HTML) 4 Page - Microchip Technology

  TC1073 Datasheet HTML 1Page - Microchip Technology TC1073 Datasheet HTML 2Page - Microchip Technology TC1073 Datasheet HTML 3Page - Microchip Technology TC1073 Datasheet HTML 4Page - Microchip Technology TC1073 Datasheet HTML 5Page - Microchip Technology TC1073 Datasheet HTML 6Page - Microchip Technology TC1073 Datasheet HTML 7Page - Microchip Technology TC1073 Datasheet HTML 8Page - Microchip Technology TC1073 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC1072/TC1073
DS21354B-page 4
© 2002 Microchip Technology Inc.
TC1072/TC1073 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VIN =VOUT +1V, IL =0.1mA,CL =3.3µF, SHDN >VIH,TA = 25°C, unless otherwise noted. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ERROR Open Drain Output
VINMIN
Minimum VIN Operating Voltage
1.0
V
VOL
Output Logic Low Voltage
400
mV
1 mA Flows to ERROR
VTH
ERROR Threshold Voltage
0.95 x VR
V
SeeFigure3-2
VHYS
ERROR Positive Hysteresis
50
mV
Note 7
Note
1:
VR is the regulator output voltage setting. For example: VR = 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V.
2:
3:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range
from 0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal
regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA,TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 4.0 Thermal Considerations for more details.
7:
Hysteresis voltage is referenced by VR.
8:
Apply for Junction Temperatures of -40°C to +85°C.
9:
The minimum VIN has to justify the conditions = VIN ≥ VR +VDROPOUT and VIN ≥ 2.7V for IL =0.1mA to IOUTMAX.
TC VOUT =(VOUTMAX –VOUTMIN)x 10
6
VOUT x ∆T


Similar Part No. - TC1073

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
   9.2 - 10.2 GHz 26 dBm MMIC
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-1.8VCH713 MICROCHIP-TC1073-1.8VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.5VCH713 MICROCHIP-TC1073-2.5VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Similar Description - TC1073

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com