Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-A113-GE000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 5082-A113-GE000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-A113-GE000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 5082-A113-GE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-A113-GE000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
High Efficiency Red
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A21X
Luminous Intensity/Segment[1,2]
IV
360
980
µcd
IF = 5 mA
(Digit Average)
5390
IF = 20 mA
F21X, G21X
420
1200
IF = 5 mA
H21X, K21X
900
2800
IF = 10 mA
3700
IF = 60 mA Peak:
1/6 Duty Factor
All
Forward Voltage/Segment or DP
VF
2.0
2.5
V
IF = 20 mA
Devices
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[3]
λ
d
626
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F / °C-2
mV/
°C
VF/Segment or DP
A21X
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/
Junction-to-Pin
Seg.
F21X, G21X
320
H21X, K21X
345
Orange
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A41X
Luminous Intensity/Segment
IV
0.70
mcd
IF = 5 mA
(Segment Average)[1,2]
F41X, G41X
1.0
IF = 5 mA
H41X, K41X
2.37
IF = 10 mA
All
Forward Voltage/Segment or DP
VF
2.0
2.5
V
IF = 20 mA
Devices
Peak Wavelength
λ
PEAK
600
nm
Dominant Wavelength[3]
λ
d
603
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F / °C
2mV/
°C
VF/Segment or DP
A41X
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/
Junction-to-Pin
Seg.
F41X, G41X
320
H41X, K41X
345


Similar Part No. - 5082-A113-GE000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-A101-00000 HP-5082-A101-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-A101-0E000 HP-5082-A101-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-A101-0F000 HP-5082-A101-0F000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-A101-0G000 HP-5082-A101-0G000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-A101-0H000 HP-5082-A101-0H000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-A113-GE000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com