Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C03V-1.8TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT25C03V-1.8TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C03V-1.8TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT25C03V-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C03V-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Limits
1.8V-6.0V
2.5V-6.0V
4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max. Min.
Max.
Min.
Max.
UNITS
Conditions
tSU
Data Setup Time
50
20
20
ns
VIH = 2.4V
tH
Data Hold Time
50
20
20
ns
CL = 100pF
tWH
SCK High Time
250
75
40
ns
VOL = 0.8V
tWL
SCK Low Time
250
75
40
ns
VOH = 2.0v
fSCK
Clock Frequency
DC
1
DC
5
DC
10
MHz
tLZ
HOLD to Output Low Z
50
50
50
ns
tRI(1)
Input Rise Time
2
2
2
µs
tFI(1)
Input Fall Time
2
2
2
µs
tHD
HOLD Setup Time
100
40
40
ns
tCD
HOLD Hold Time
100
40
40
ns
CL = 100pF
tWC(3)
Write Cycle Time
10
5
5
ms
tV
Output Valid from Clock Low
250
75
40
ns
tHO
Output Hold Time
0
0
0
ns
tDIS
Output Disable Time
250
75
75
ns
tHZ
HOLD to Output High Z
150
50
50
ns
tCS
CS High Time
500
100
100
ns
tCSS
CS Setup Time
500
100
100
ns
tCSH
CS Hold Time
500
100
100
ns
tWPS
WP Setup Time
150
50
50
ns
tCSH
CS Hold Time
150
50
50
ns
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
AC Test Conditions:
Input Pulse Voltages: 0.3VCC to 0.7VCC
Input rise and fall times:
≤10ns
Input and output reference voltages: 0.5VCC
Output load: current source IOL max/IOH max; CL = 50pF
(3)
tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
A.C. CHARACTERISTICS
CL = 50pF
(note 2)
PIN CAPACITANCE (1)
Applicable over recommended operating range from TA=25˚C, f=1.0 MHz, VCC=+5.0V (unless otherwise noted).
Symbol
Test Conditions
Max.
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT=0V
CIN
Input Capacitance (
CS, SCK, SI, WP, HOLD)6
pF
VIN=0V


Similar Part No. - CAT25C03V-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03VATE13 CATALYST-CAT25C03VATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03VETE13 CATALYST-CAT25C03VETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03VITE13 CATALYST-CAT25C03VITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C03V-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com