Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37128VP84-83AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY37128VP84-83AXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37128VP84-83AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY37128VP84-83AXC Datasheet HTML 1Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 2Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 3Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 4Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 5Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 6Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 7Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 8Page - Cypress Semiconductor CY37128VP84-83AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 4 of 64
Low-Power Option
Each logic block can operate in high-speed mode for critical
path performance, or in low-power mode for power conser-
vation. The logic block mode is set by the user on a logic block
by logic block basis.
Product Term Allocator
Through the product term allocator, software automatically
distributes product terms among the 16 macrocells in the logic
block as needed. A total of 80 product terms are available from
the local product term array. The product term allocator
provides two important capabilities without affecting perfor-
mance: product term steering and product term sharing.
Product Term Steering
Product term steering is the process of assigning product
terms to macrocells as needed. For example, if one macrocell
requires ten product terms while another needs just three, the
product term allocator will “steer” ten product terms to one
macrocell and three to the other. On Ultra37000 devices,
product terms are steered on an individual basis. Any number
between 0 and 16 product terms can be steered to any
macrocell. Note that 0 product terms is useful in cases where
a particular macrocell is unused or used as an input register.
Product Term Sharing
Product term sharing is the process of using the same product
term among multiple macrocells. For example, if more than
one output has one or more product terms in its equation that
are common to other outputs, those product terms are only
programmed once. The Ultra37000 product term allocator
allows sharing across groups of four output macrocells in a
variable fashion. The software automatically takes advantage
of this capability—the user does not have to intervene.
Note that neither product term sharing nor product term
steering have any effect on the speed of the product. All
worst-case steering and sharing configurations have been
incorporated in the timing specifications for the Ultra37000
devices.
Ultra37000 Macrocell
Within each logic block there are 16 macrocells. Macrocells
can either be I/O Macrocells, which include an I/O Cell which
is associated with an I/O pin, or buried Macrocells, which do
not connect to an I/O. The combination of I/O Macrocells and
buried Macrocells varies from device to device.
Buried Macrocell
Figure 2 displays the architecture of buried macrocells. The
buried macrocell features a register that can be configured as
combinatorial, a D flip-flop, a T flip-flop, or a level-triggered
latch.
The register can be asynchronously set or asynchronously
reset at the logic block level with the separate set and reset
product terms. Each of these product terms features program-
mable polarity. This allows the registers to be set or reset
based on an AND expression or an OR expression.
Clocking of the register is very flexible. Four global
synchronous clocks and a product term clock are available to
clock the register. Furthermore, each clock features program-
mable polarity so that registers can be triggered on falling as
well as rising edges (see the Clocking section). Clock polarity
is chosen at the logic block level.
Figure 1. Logic Block with 50% Buried Macrocells
I/O
CELL
0
PRODUCT
TERM
ALLOCATOR
I/O
CELL
14
MACRO-
CELL
0
MACRO-
CELL
1
MACRO-
CELL
14
0
−16
PRODUCT
TERMS
72 x 87
PRODUCT TERM
ARRAY
80
36
8
16
TO
PIM
FROM
PIM
7
3
2
MACRO-
CELL
15
2
to cells
2, 4, 6 8, 10, 12
0
−16
PRODUCT
TERMS
0
−16
PRODUCT
TERMS
0
−16
PRODUCT
TERMS


Similar Part No. - CY37128VP84-83AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37128VP84167AXC CYPRESS-CY37128VP84167AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37128VP84200AXC CYPRESS-CY37128VP84200AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
More results

Similar Description - CY37128VP84-83AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com