Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P004-18N-4XC13 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P004-18N-4XC13
Description  C14 Male to C13 Female Splitter, PDU Style - C14 to 4x C13, 10A, 100–250V, 18 AWG, 18 in., Black
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P004-18N-4XC13 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
C14 Male to C13 Female Splitter, PDU Style - C14
to 4x C13, 10A, 100–250V, 18 AWG, 18 in., Black
MODEL NUMBER: P004-18N-4XC13
C14-to-C13 splitter allows 4 devices with C14 inlets to share one AC power input cord and one C13 outlet
on a PDU or UPS system.
Features
C14-to-C13 X-Style Splitter Cord Connects 4 Devices with C14 Inlets to One C13 Outlet
This IEC-320-C14 to IEC-320-C13 splitter allows four devices with C14 power inlets to share one AC input
cord and one C13 outlet. This C14 male to C13 female cord features a C14 end for connecting to an AC
power source on a PDU, surge protector or UPS system and four C13 ends for connecting to devices. By
connecting four devices to one outlet, the power cord splitter frees up space in a PDU or surge protector
and helps reduce cable clutter.
IEC Cable Powers a Wide Variety of Essential Electronics
With this PC power splitter, a single C13 outlet can power four devices, such as computers, monitors,
printers, instrument amplifiers and other equipment compatible with a C13 connector. Ideal for areas
where AC outlets are limited, such as rack cabinets, this IEC cable is compatible with Tripp Lite power and
extension cords.
Highlights
Connects 4 devices to one AC
outlet to save space and reduce
cable clutter
q
Recommended for powering
multiple computers, monitors or
other compatible peripherals
q
C14 end connects to PDU or
UPS power; C13 ends connect
to devices’ C14 inlets
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Applications
Connect 4 devices like
computers, monitors, scanners
and printers to one power outlet
in your home office, work space
or dorm room
q
Cut cable clutter by powering up
to 4 monitors in a multi-monitor
display mount with a single cord
q
Save space in a 0U vertical
rack-mount PDU by plugging 4
rack devices into one outlet
q
Package Includes
P004-18N-4XC13 C14 Male to
C13 Female Splitter, PDU Style,
18 in., Black
q
OVERVIEW
UPC Code
037332205261
Country/Region
North America
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn