Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM63188A Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM63188A
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63188A Datasheet(HTML) 1 Page - OKI electronic componets

  MSM63188A Datasheet HTML 1Page - OKI electronic componets MSM63188A Datasheet HTML 2Page - OKI electronic componets MSM63188A Datasheet HTML 3Page - OKI electronic componets MSM63188A Datasheet HTML 4Page - OKI electronic componets MSM63188A Datasheet HTML 5Page - OKI electronic componets MSM63188A Datasheet HTML 6Page - OKI electronic componets MSM63188A Datasheet HTML 7Page - OKI electronic componets MSM63188A Datasheet HTML 8Page - OKI electronic componets MSM63188A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
¡ Semiconductor
MSM63188A
1/32
GENERAL DESCRIPTION
The MSM63188A is an enhanced version of the MSM63188 in which supply currents have been
improved.
The MSM63188A is a CMOS 4-bit microcontroller with built-in 1024-dot matrix LCD drivers and
operates at 0.9 V (min.). The MSM63188A is suitable for applications such as games, toys,
watches, etc. which are provided with an LCD display.
The MSM63188A is an M6318x series mask ROM-version product of OLMS-63K family, which
employs Oki's original CPU core nX-4/250.
The MSM63P180 is the one-time-programmable ROM version of MSM63188/A, having one-time
PROM (OTP) as internal program memory.
The MSM63P180 is used to evaluate the software development.
FEATURES
• Rich instruction set
439 instructions
Transfer, rotate, increment/decrement, arithmetic operations, comparison, logic operations,
mask operations, bit operations, ROM table reference, external memory transfer, stack
operations, flag operations, branch, conditional branch, call/return, control.
• Rich selection of addressing modes
Indirect addressing of four data memory types, with current bank register, extra bank
register, HL register and XY register.
Data memory bank internal direct addressing mode.
• Processing speed
Two clocks per machine cycle, with most instructions executed in one machine cycle.
Minimum instruction execution time
: 61 ms (@ 32.768 kHz system clock)
1 ms (@ 2 MHz system clock)
• Clock generation circuit
Low-speed clock
: 32.768 kHz crystal oscillator
High-speed clock
: 2 MHz (Max.) RC or ceramic oscillator select
• Program memory space
16K words
Basic instruction length is 16 bits/1 word
• Data memory space
3584 nibbles
• External data memory space
64 Kbytes (expandable by using an I/O port)
¡ Semiconductor
MSM63188A
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,
Operating at 0.9 V (Min.)
E2E0056-19-62
This version: Jun. 1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ML63187 4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit Operating at 0.9 V Min . 1  2  3  4  5  More OKI electronic componets
ML63187B 4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit Operating at 0.9 V 1  2  3  4  5  More OKI electronic componets
ML63512A 4-Bit Microcontroller with Built-in Level Detector Melody Circuit and Comparator Operating at 0.9 V Min. 1  2  3  4  5  More OKI electronic componets
MSM63182A 4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers Operating at 0.9 V Min. 1  2  3  4  5  More OKI electronic componets
MSM63184A 4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers Operating at 0.9 V Min. 1  2  3  4  5  More OKI electronic componets
MSM63184B 4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers Operating at 0.9 V Min. 1  2  3  4  5  More OKI electronic componets
MSM63238 4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit Operating at 0.9 V Min. 1  2  3  4  5  More OKI electronic componets
MSM63P180 4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers 1  2  3  4  5  More OKI electronic componets
ML63193 4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit. 1  2  3  4  5  More OKI electronic componets
ML63295A 4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn