Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM63188A Datasheet(PDF) 20 Page - OKI electronic componets

Part # MSM63188A
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63188A Datasheet(HTML) 20 Page - OKI electronic componets

Back Button MSM63188A Datasheet HTML 16Page - OKI electronic componets MSM63188A Datasheet HTML 17Page - OKI electronic componets MSM63188A Datasheet HTML 18Page - OKI electronic componets MSM63188A Datasheet HTML 19Page - OKI electronic componets MSM63188A Datasheet HTML 20Page - OKI electronic componets MSM63188A Datasheet HTML 21Page - OKI electronic componets MSM63188A Datasheet HTML 22Page - OKI electronic componets MSM63188A Datasheet HTML 23Page - OKI electronic componets MSM63188A Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
¡ Semiconductor
MSM63188A
20/32
Parameter
Symbol
Condition
Mea-
suring
Circuit
(VDD = VDDI = 1.5 V, VSS = 0 V, 1/5 bias, Ta = –20 to +70°C unless otherwise specified)
Unit
Max.
Typ.
Min.
Supply Current 1
IDD1
CPU is in HALT state.
(High-speed clock oscillation
stopped)
mA
Supply Current 2
IDD2
CPU is in HALT state.
LCD is in Power Down mode.
(High-speed clock oscillation
stopped)
mA
Supply Current 3
IDD3
CPU is in operation at low-speed oscillation.
(High-speed clock oscillation stopped)
mA
1
Ta = –20 to +50°C
Ta = –20 to +50°C
Ta = –20 to +70°C
Ta = –20 to +70°C
900
700
Supply Current 4
IDD4
CPU is in operation at high-speed oscillation
(RC oscillation, f = approx. 720 kHz, ROS = 51 kW)
mA
1000
800
Supply Current 5
IDD5
CPU is in operation at high-speed oscillation
(Ceramic oscillation, 1 MHz)
mA
7.0
5.6
8.5
5.6
5.5
4.5
7.0
4.5
22
18
DC Characteristics (continued)
• When backup is used
• When backup is not used
Parameter
Symbol
Condition
Mea-
suring
Circuit
(VDD = VDDI = 3.0 V, VSS = 0 V, 1/5 bias, Ta = –20 to +70°C unless otherwise specified)
Unit
Max.
Typ.
Min.
Supply Current 1
IDD1
CPU is in HALT state.
(High-speed clock oscillation
stopped)
mA
Supply Current 2
IDD2
CPU is in HALT state.
LCD is in Power Down mode.
(High-speed clock oscillation
stopped)
mA
Supply Current 3
IDD3
1
Ta = –20 to +50°C
Ta = –20 to +50°C
Ta = –20 to +70°C
Ta = –20 to +70°C
Supply Current 4
IDD4
CPU is in operation at
high-speed oscillation
(RC oscillation)
1500
1000
Supply Current 5
IDD5
CPU is in operation at high-speed oscillation
(Ceramic oscillation, 2 MHz)
mA
CPU is in operation at low-speed oscillation.
(High-speed clock oscillation stopped)
mA
800
550
mA
f = approx. 800 kHz,
ROS = 51 kW
f = approx. 500 kHz,
ROS = 100 kW
3.0
2.7
3.5
2.7
2.4
2.1
3.0
2.1
10.5
8.5
450
390


Similar Part No. - MSM63188A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM63188A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com