Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC2G02YEPR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AUC2G02YEPR
Description  DUAL 2-INPUT POSITIVE-NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G02YEPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUC2G02YEPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 9Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 10Page - Texas Instruments SN74AUC2G02YEPR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MECHANICAL DATA
MPDS049B – MAY 1999 – REVISED OCTOBER 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCT (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,60
0,20
0,25
0
° – 8°
0,15 NOM
Gage Plane
4188781/C 09/02
4,25
5
0,30
0,15
2,90
3,75
2,70
8
4
3,15
2,75
1
0,10
0,00
1,30 MAX
Seating Plane
0,10
M
0,13
0,65
PIN 1
INDEX AREA
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion
D. Falls within JEDEC MO-187 variation DA.


Similar Part No. - SN74AUC2G02YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G02YZPR TI-SN74AUC2G02YZPR Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUC2G02YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com