Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC139 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 74AC139
Description  Dual 1-of-4 Decoder / Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

74AC139 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74AC139, 74ACT139
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC)
−0.5 V to +7.0 V
DC Input Diode Current (IIK)
VI = −0.5 V
VI = VCC + 0.5 V
−20 mA
+20 mA
DC Input Voltage (VI)
−0.5 V to VCC + 0.5 V
DC Output Diode Current (IOK)
VO = −0.5 V
VO = VCC + 0.5 V
−20 mA
+20 mA
DC Output Voltage (VO)
−0.5 V to VCC + 0.5 V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ) PDIP
140°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC)
AC
ACT
2.0 V to 6.0 V
4.5 V to 5.5 V
Input Voltage (VI)
0 V to VCC
Output Voltage (VO)
0 V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (DV/Dt)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3 V, 4.5 V, 5.5 V
125 mV/ns
Minimum Input Edge Rate (DV/Dt)
ACT Devices
VIN from 0.8 V to 2.0 V
VCC @ 4.5 V, 5.5 V
125 mV/ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn