Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3312 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # W3312
Description  PCB Antenna with coax feed
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3312 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button W3312 Datasheet HTML 2Page - Pulse A Technitrol Company W3312 Datasheet HTML 3Page - Pulse A Technitrol Company W3312 Datasheet HTML 4Page - Pulse A Technitrol Company W3312 Datasheet HTML 5Page - Pulse A Technitrol Company W3312 Datasheet HTML 6Page - Pulse A Technitrol Company W3312 Datasheet HTML 7Page - Pulse A Technitrol Company W3312 Datasheet HTML 8Page - Pulse A Technitrol Company W3312 Datasheet HTML 9Page - Pulse A Technitrol Company W3312 Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Issue: 1747
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description
: ISM 868/915MHz PCB Antenna
with coax feed
PART NUMBER: W3312XXXXXX
Series: Internal Antenna
CHARTS
6
Return loss
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Frequency,MHz
Return loss vs Frequency measured with 1.5mm polycarbonate plate
W3312B0100 measured in PSU , September 18,2016
W3312B0100
spec


Similar Part No. - W3312

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3312B0100 PULSE-W3312B0100 Datasheet
594Kb / 11P
   PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3312B0100 PULSE-W3312B0100 Datasheet
952Kb / 12P
   ISM 868/915MHz PCB Antenna with coax feed
W3312BB0100 PULSE-W3312BB0100 Datasheet
952Kb / 12P
   ISM 868/915MHz PCB Antenna with coax feed
W3312XXXXXX PULSE-W3312XXXXXX Datasheet
952Kb / 12P
   ISM 868/915MHz PCB Antenna with coax feed
More results

Similar Description - W3312

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3312B0100 PULSE-W3312B0100 Datasheet
594Kb / 11P
   PCB Antenna with coax feed
W3312XXXXXX PULSE-W3312XXXXXX Datasheet
952Kb / 12P
   ISM 868/915MHz PCB Antenna with coax feed
W3538XXXXX PULSE-W3538XXXXX Datasheet
1Mb / 19P
   824-960/1710-2170MHz 2G/3G Pentaband PCB antenna with coax feed
GNSSMMSMA PULSE-GNSSMMSMA Datasheet
932Kb / 9P
   28dBi GNSS Mag Mount Antenna, Coax Feed
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-L250 RALTRON-RPC-900-W5-GSM-L250 Datasheet
196Kb / 2P
   PCB ANTENNA
logo
Tallysman Wireless Inc.
TW1600 TALLYSMAN-TW1600 Datasheet
221Kb / 2P
   TW1600 Dual Feed Iridium짰 Antenna
logo
Raltron Electronics Cor...
RPC-GSDE-P-4807-UFL-Y RALTRON-RPC-GSDE-P-4807-UFL-Y Datasheet
160Kb / 1P
   PCB ANTENNA
logo
TE Connectivity Ltd
C-2118439 TEC-C-2118439 Datasheet
160Kb / 1P
   PCB ANTENNA ASSEMBLY, WITH MHF CONNECTOR
logo
AVX Corporation
1002089 AVX-1002089 Datasheet
1Mb / 5P
   LTE PCB Antenna with SMA Connector
9/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com