Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTD123YC-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTD123YC-7
Description  NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD123YC-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTD123YC-7 Datasheet HTML 1Page - Diodes Incorporated DDTD123YC-7 Datasheet HTML 2Page - Diodes Incorporated DDTD123YC-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30384 Rev. 4 - 2
1 of 3
DDTD (xxxx) C
www.diodes.com
ã Diodes Incorporated
DDTD (xxxx) C
NPN PRE-BIASED 500 mA SOT-23
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available (DDTB)
·
Built-In Biasing Resistors, R1, R2
·
Available in Lead Free/RoHS Compliant Version (Note 2)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
OUT
3
2
1
IN
GND
Mechanical Data
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Also Available in Lead Free Plating (Matte Tin Finish
annealed over Alloy 42 leadframe). Please see Ordering
Information, Note 4, on Page 3
·
Marking: Date Code and Marking Code
(See Table Below & Page 3)
·
Ordering Information (See Page 3)
·
Weight: 0.008 grams (approximate)
(2) IN
R
1
R
2
GND (1)
OUT (3)
P/N
R1 (NOM) R2 (NOM) MARKING
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
DDTD123TC
DDTD143TC
DDTD114TC
DDTD114GC
1K
2.2K
4.7K
10K
0.22K
1K
2.2K
3.3K
2.2K
4.7K
10K
0
1K
2.2K
4.7K
10K
4.7K
10K
10K
10K
OPEN
OPEN
OPEN
10K
N60
N61
N62
N63
N64
N65
N66
N67
N69
N70
N71
N72
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
50
V
Input Voltage, (2) to (1)
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
VIN
-10 to +10
-10 to +12
-10 to +30
-10 to +40
-5 to +5
-5 to +10
-5 to +12
-6 to +20
V
Input Voltage, (1) to (2)
DDTD123TC
DDTD143TC
DDTD114TC
DDTD114GC
VEBO (MAX)
5V
Output Current
All
IC
500
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.89
1.00
L
0.45
0.61
M
0.085
0.110
a
0
°
8
°
All Dimensions in mm
Note:
1.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
SPICE MODELS: DDTD113EC DDTD123EC DDTD143EC DDTD114EC DDTD122JC DDTD113ZC
DDTD123YC DDTD133HC DDTD123TC DDTD143TC DDTD114TC DDTD114GC


Similar Part No. - DDTD123YC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD123YC DIODES-DDTD123YC Datasheet
80Kb / 4P
   NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
DS30384 Rev. 10 - 2
More results

Similar Description - DDTD123YC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com