Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB1 Datasheet(PDF) 4 Page - NEC

Part # BB1
Description  COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

BB1 Datasheet(HTML) 4 Page - NEC

  BB1 Datasheet HTML 1Page - NEC BB1 Datasheet HTML 2Page - NEC BB1 Datasheet HTML 3Page - NEC BB1 Datasheet HTML 4Page - NEC BB1 Datasheet HTML 5Page - NEC BB1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D11739EJ2V0DS
4
BB1 SERIES
BB1L3N
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 30 V, IE = 0
100
nA
DC current gain
hFE1
Note 2
VCE = 2.0 V, IC = 0.1 A
300
DC current gain
hFE2
Note 2
VCE = 2.0 V, IC = 0.5 A
300
DC current gain
hFE3
Note 2
VCE = 2.0 V, IC = 0.7 A
135
Low level output voltage
VOL
Note 2
VIN = 5.0 V, IC = 0.2 A
0.3
V
Low level input voltage
VIL
Note 2
VCE = 5.0 V, IC = 100
µA
0.3
V
Input resistance
R1
3.29
4.7
6.11
k
E-to-B resistance
R2
710
13
k
Note 2 PW
≤ 350
µs, duty cycle ≤ 2 %
BB1A4M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 30 V, IE = 0
100
nA
DC current gain
hFE1
Note 2
VCE = 2.0 V, IC = 0.1 A
300
DC current gain
hFE2
Note 2
VCE = 2.0 V, IC = 0.5 A
300
DC current gain
hFE3
Note 2
VCE = 2.0 V, IC = 0.7 A
135
Collector saturation voltage
VOL
Note 2
VIN = 5.0 V, IC = 0.2 A
0.3
V
Low level input voltage
VIL
Note 2
VCE = 5.0 V, IC = 100
µA
0.3
V
Input resistance
R1
710
13
k
E-to-B resistance
R2
710
13
k
Note 2 PW
≤ 350
µs, duty cycle ≤ 2 %


Similar Part No. - BB1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Amphenol Corporation
BB1-A-R-J-08-99-9-X-A AMPHENOL-BB1-A-R-J-08-99-9-X-A Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
BB1-A-R-J-08-99-9-X-N AMPHENOL-BB1-A-R-J-08-99-9-X-N Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
BB1-A-R-J-08-99-9-X-W AMPHENOL-BB1-A-R-J-08-99-9-X-W Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
BB1-A-R-J-10-99-9-X-A AMPHENOL-BB1-A-R-J-10-99-9-X-A Datasheet
1Mb / 32P
   Amphenol Miniature Cylindrical MIL-DTL-26482, Series 2 Connectors
More results

Similar Description - BB1

ManufacturerPart #DatasheetDescription
logo
NEC
BA1F4Z NEC-BA1F4Z Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
   On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HD1 RENESAS-HD1_15 Datasheet
521Kb / 8P
   ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
NEC
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com