Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C16P20FR Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # C16P20FR
Description  Low Forward Voltage drop Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

C16P20FR Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  C16P20FR Datasheet HTML 1Page - Nihon Inter Electronics Corporation C16P20FR Datasheet HTML 2Page - Nihon Inter Electronics Corporation C16P20FR Datasheet HTML 3Page - Nihon Inter Electronics Corporation C16P20FR Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FRD Type
C16P20FR
C16P20FR
C16P20FR
C16P20FR
■OUTLINE DRAWING
■最大定格 / Maximum Ratings
Approx Net Weight:5.55g
Rating
Symbol
C16P20FR
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
200
V
非くり返しピーク逆電圧
Non-repetitive Peak Reverse Voltage
VRSM
220
V
平均整流電流
Average Rectified Output Current
IO
16
Tc=113℃
50 Hz、正弦全波通電抵抗負荷
Full Sine Wave Resistive Load
A
実効順電流
RMS Forward Current
IF(RMS)
18
A
サージ順電流
Surge Forward Current
IFSM
120
50 Hz 正弦全波, 1サイクル, 非くり返し
Full Sine Wave,1cycle,Non-repetitive
A
動作接合温度範囲
Operating JunctionTemperature Range
Tjw
- 40 ∼ + 150
保存温度範囲
Storage Temperature Range
Tstg
- 40 ∼ + 150
締め付けトルク
Mounting torque
0.5
推奨値
Recommended value
N・m
■電気的・熱的特性 / Electrical ・ Thermal Characteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
ピーク逆電流
Peak Reverse Current
IRM
Tj=25℃,VRM=VRRM per Arm
-
-
25
μA
ピーク順電圧
Peak Forward Voltage
VFM
Tj=25℃, IFM=8A per Arm
-
-
0.98
V
逆回復時間
Reverse Recovery Time
trr
IFM= 8 A,
-di/dt= 50 A/μs, Ta= 25℃
-
-
35
ns
熱抵抗
Thermal Resistance
Rth(j-c)
接合部・ケース間
Junction to Case
-
-
2
℃/W
構造
:拡散型シリコンダイオード(F R D)
Construction: Diffusion-type Silicon Diode
用途
:高周波整流用
Application : High Frequency Rectification


Similar Part No. - C16P20FR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
C16P20FR THINKISEMI-C16P20FR Datasheet
985Kb / 3P
   20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - C16P20FR

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com