Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NK60TP12 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. NK60TP12
Description  Three-Phase Bridge Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

NK60TP12 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
PRIMARY CHARACTERRISTICS
IF(AV)
60A
VRRM
1200V to 1600V
1.45V / 1.6V
10 µA
150ºC
IFSM
IR
V
/V
FM
TM
RoHS
RoHS
Three-Phase Bridge + Thyristor, 60A
Nell High Power Products
ADVANTAGE
TJ max.
1000A
( Low Profile Package )
NK60TP Series
Applications
Page 1 of 5
www.nellsemi.com
Three-phase bridge and a thyristor
High surge current capability
Planar thyristor chip
Heat transfer and isolation through direct
copper bonded aluminium oxide ceramic (DBC)
Low thermal resistance
Compliant to RoHS
lsolation voltage up to 2500V
Compact package, one screw mounting
lnternational standard package
Epoxy meets UL 94 V-O flammability rating
lnverter for AC or DC motor control
Soft starters
Switching power supply
Light control
Temperature control
Small volume, light weight
Small thermal resistance
Weight: 30g (1.06 oz.)
27, 28
15, 16
17
21
19
1,2
8,9 13,14
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
C
PARAMETER
V
V
SYMBOL
NK60TP
UNIT
1300
1200
1600
12
16
1700
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
Operating junction temperature range
V
/V
RRM
RRM
VRSM
IFSM
2
I t
5000
60
-40 to 150
1000
2
A s
A
A
ºC
Storage temperature range
TSTG
-40 to 125
ºC
TJ
Maximum Ratings for Diodes
Output DC current three-phase full wave, T = 80°C
c
IO


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn