Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NK60TP12 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part No. NK60TP12
Description  Three-Phase Bridge Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

NK60TP12 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
2000
1000
0
0.5
1.0
1000
100
10
Typical
.
T =25°C
j
0
150
100
80
60
40
20
0
50HZ
Single phase half wave
T =25°C start
j
0
40
500
400
300
200
100
0
Fig.2 Forward current derating curve
Fig.3 Transient thermal impedance
Fig.4 Max non-repetitive forward surge current
Fig.5 On-state characteristics
Fig.6 Gate trigger characteristics
100
80
60
100
50
100
10
2.0
1.5
Bridge output current, I ( A)
O
Case temperature, T (
°C)
c
Time, t (S)
Cycles
Forward voltage / on-state voltage,V /V
(V)
F
TM
Gate current (mA)
Page 4 of 5
www.nellsemi.com
20
Fig.1 Power dissipation per module vs.
bridge output current
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
100
10
1
0.1
1
10
100
1000
4
10
5
10
Single Thyristor
20
v.20Ω
VGD
lGD
lGT
VGT
T
= -40°C
J
25°C
125°C
BSZ
P (l )
G
O
Per
Thyristor
Pe
r T
hyr
isto
r
Per D
iode
P
er
M
od
ul
e
Pe
r B
rid
ge
Pe
r T
hyr
isto
r
RoHS
RoHS
Nell High Power Products
NK60TP Series


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn