Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 2 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1122SDNL Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLC1122SDNL Datasheet HTML 1Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 2Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 3Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 4Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 5Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 6Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 7Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 8Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FTLC1122SDNL Product Specification
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 2
I.
Pin Descriptions
Per CFP MSA
1.
Top Row
Bottom Row
Top Row
Bottom Row
104
GND
1
GND
78
{REFCLKp}
27
MOD_ABS
103
N.C.
2
{TX_MCLKn}
77
GND
28
MOD_RSTn
102
N.C.
3
{TX_MCLKp}
76
N.C.
29
GLB_ALRMn
101
GND
4
GND
75
N.C.
30
GND
100
TX3n
5
N.C.
74
GND
31
MDC
99
TX3p
6
N.C.
73
RX3n
32
MDIO
98
GND
7
3.3V_GND
72
RX3p
33
PRTADR0
97
TX2n
8
3.3V_GND
71
GND
34
PRTADR1
96
TX2p
9
3.3V
70
RX2n
35
PRTADR2
95
GND
10
3.3V
69
RX2p
36
VND_IO_C
94
N.C.
11
3.3V
68
GND
37
VND_IO_D
93
N.C.
12
3.3V
67
N.C.
38
VND_IO_E
92
GND
13
3.3V_GND
66
N.C.
39
3.3V_GND
91
N.C.
14
3.3V_GND
65
GND
40
3.3V_GND
90
N.C.
15
VND_IO_A
64
N.C.
41
3.3V
89
GND
16
VND_IO_B
63
N.C.
42
3.3V
88
TX1n
17
PRG_CNTL1
62
GND
43
3.3V
87
TX1p
18
PRG_CNTL2
61
RX1n
44
3.3V
86
GND
19
PRG_CNTL3
60
RX1p
45
3.3V_GND
85
TX0n
20
PRG_ALRM1
59
GND
46
GND
84
TX0p
21
PRG_ALRM2
58
RX0n
47
N.C.
83
GND
22
PRG_ALRM3
57
RX0p
48
N.C.
82
N.C.
23
GND
56
GND
49
GND
81
N.C.
24
TX_DIS
55
N.C.
50
{RX_MCLKn}
80
GND
25
RX_LOS
54
N.C.
51
{RX_MCLKp}
79
{REFCLKn}
26
MOD_LOPWR
53
GND
52
GND


Similar Part No. - FTLC1122SDNL

ManufacturerPart No.DatasheetDescription
Finisar Corporation.
Finisar Corporation.
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results

Similar Description - FTLC1122SDNL

ManufacturerPart No.DatasheetDescription
Finisar Corporation.
Finisar Corporation.
FTLC8221SCNM FINISAR-FTLC8221SCNM Datasheet
406Kb / 11P
   100m Multi-rate 100GE CFP2 Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
   10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC8221RFNM FINISAR-FTLC8221RFNM Datasheet
396Kb / 10P
   300m, 10x10.3GbE CFP2 Optical Transceiver Module
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz