Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 1 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

FTLC1122SDNL Datasheet(HTML) 1 Page - Finisar Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 1
Product Specification
10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
FTLC1122SDNL
PRODUCT FEATURES
 Hot-pluggable CFP2 form factor
 Supports 103.1Gb/s and 112Gb/s
aggregate bit rates
 Power dissipation < 5W
 RoHS-6 compliant (lead-free)
 Commercial case temperature range
of 0°C to 75°C
 Single 3.3V power supply
 Maximum link length of 10km on
Single Mode Fiber (SMF)
 4x28Gb/s DFB-based
LAN-WDM transmitter
 4x28G electrical interface
 Duplex LC receptacles
 MDIO management interface
APPLICATIONS
 G.959.1-201604, 4I1-9D1F OTL4.4
 G.709/Y.1331 (2016), OTU4 &
OTUC1(FOIC1.4)
 IEEE 802.3ba 100GBASE-LR4
Finisar’s 2nd generation, FTLC1122SDNL 100G CFP2 transceiver modules are designed
for use in 100 Gigabit Ethernet and 4x28G OTU4 client interfaces over single mode fiber.
They are compliant with the CFP MSA
1, IEEE 802.3ba 100GBASE-LR42 and OTU4 4I1-
9D1F OTL4.4 requirements specified in ITU-T, and IEEE standards, and ITU-T
recommendations G.709/Y.1331. Digital diagnostics functions are available via the MDIO
interface, as specified by the CFP MSA and Finisar Application Note AN-2118
5. The
transceiver is RoHS-compliant and lead-free per Directive 2011/65/EU
3, and Finisar
Application Note AN-2038
4.
PRODUCT SELECTION
FTLC1122SDNL
S:
OTU4 maximum bit rate (112 Gb/s)
D:
4x28G LAN-WDM optical architecture
N:
Flat top module (no heat sink)
L:
LC straight receptacles


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn