Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 8 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

FTLC1122SDNL Datasheet(HTML) 8 Page - Finisar Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FTLC1122SDNL Product Specification
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 8
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate (all wavelengths combined)
BR
103.1
112.0
Gb/s
1
Bit Error Ratio @25.78Gb/s
BER1
10-12
2
Bit Error Ratio @27.95Gb/s
BER2
10-6
3
Maximum Supported Distances
Fiber Type
SMF per G.652
Lmax1
10
km
Notes:
1. Supports OTU4 4I1-9D1F per ITU-T G.959.1 and 100GBASE-LR4 per IEEE 802.3ba.
2.
Tested with a 231 – 1 PRBS.
3.
Tested with a 231 – 1 PRBS. Per ITU-T G.959.1 and G.sup39, the BER of 10-12 for the OTU4 (112
Gb/s) application code is required to be met only after forward error correction has been applied.
ITU-T G.sup39 defines the pre-FEC BER to be met as 10-6. The values for receiver sensitivity and
optical path penalty measured at the receiver output at a BER of 10-6 will normally be conservative
estimates of the values for receiver sensitivity and path penalty at the BER of 10-12 after the FEC
decoder.
VI.
Environmental Specifications
Finisar FTLC1122 CFP2 transceivers have a commercial operating case temperature
range of 0°C to +75°C.
Parameter
Symbol
Min
Typ.
Max
Units
Ref.
Case Operating Temperature
Top
0
75
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar FTLC1122 CFP2 transceivers are Class 1 Laser Products. They are certified per
the following standards:
Feature
Agency
Standard
Certificate
Number
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040 and Laser Notice 50
9210176
CSA
IEC60825-1:2014
70119867
TüV
EN60825-1: 2014
EN 60825-2: 2004+A1+A2
R72130387
Electrical
Safety
CSA
IEC60950-1:2005+A1+A2,
70119867
TüV
EN60950-1:2006+A11+A1+A12+A2
R72130387
CSA
CAN/CSA-C22.2 no 60950-1-07+A1,
UL 60950-1-2011
2375840
Copies of the referenced certificates are available at Finisar Corporation upon request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn