Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 7 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

FTLC1122SDNL Datasheet(HTML) 7 Page - Finisar Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FTLC1122SDNL Product Specification
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 7
100GBASE-LR4 Operation
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Signaling Speed per Lane
25.78
25.78
Gb/s
1
Lane center wavelengths (range)
1294.53 – 1296.59
1299.02 – 1301.09
1303.54 – 1305.63
1308.09 – 1310.19
nm
Total Average Launch Power
POUT
10.5
dBm
Transmit OMA per Lane
TxOMA
-1.3
4.5
dBm
Average Launch Power per Lane
TXPx
-4.3
4.5
dBm
2
Optical Extinction Ratio
ER
4
dB
Sidemode Suppression ratio
SSRmin
30
dB
Transmitter Dispersion Penalty
TDP
0.3
2.2
dB
Average launch power of OFF
transmitter, per lane
-30
dBm
Relative Intensity Noise
RIN
-130
dB/Hz
Optical Return Loss Tolerance
20
dB
Transmitter Reflectance
-12
dB
Transmitter eye mask definition {X1,
X2, X3, Y1, Y2, Y3}
{0.25, 0.4, 0.45, 0.25, 0.28, 0.4}
Receiver
Signaling Speed per Lane
25.78
25.78
GBd
3
Lane center wavelengths (range)
1294.53 – 1296.59
1299.02 – 1301.09
1303.54 – 1305.63
1308.09 – 1310.19
nm
Receive Power (OMA) per Lane
RxOMA
4.5
dBm
Average Receive Power per Lane
RXPx
-10.6
4.5
dBm
4
Receiver Sensitivity (OMA) per Lane
Rxsens
-8.6
dBm
Stressed Receiver Sensitivity (OMA)
per Lane
SRS
-6.8
dBm
Return Loss
RL
-26
dB
Vertical eye closure penalty, per lane
1.8
dB
Receive electrical 3 dB upper cutoff
frequency, per lane
31
GHz
LOS De-Assert
LOSD
-11.6
dBm
LOS Assert
LOSA
-13.6
dBm
LOS Hysteresis
1
dBm
Notes:
1.
Transmitter consists of 4 lasers operating at 25.78Gb/s each.
2.
Minimum value is informative.
3.
Receiver consists of 4 photodetectors operating at 25.78Gb/s each.
4.
Minimum value is informative, equals min TxOMA with infinite ER and max channel insertion loss.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn