Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 6 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLC1122SDNL Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLC1122SDNL Datasheet HTML 2Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 3Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 4Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 5Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 6Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 7Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 8Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 9Page - Finisar Corporation. FTLC1122SDNL Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FTLC1122SDNL Product Specification
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 6
IV.
Optical Characteristics (EOL, TOP = 0 to 75C, VCC = 3.2 to 3.4 Volts)
OTU4 4I1-9D1F Operation
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Signaling Speed per Channel
27.95
27.95
Gb/s
1
Channel center wavelengths (range)
1294.53 – 1296.59
1299.02 – 1301.09
1303.54 – 1305.63
1308.09 – 1310.19
nm
Total Average Launch Power
POUT
10
dBm
Average Launch Power per Channel
TXPx
-0.6
4.0
dBm
Optical Channel Extinction Ratio
ER
4.0
6.5
dB
Channel Power Difference
∆POUT
5
dB
Optical Return Loss
ORL
20
dB
Receiver
Signaling Speed per Channel
27.95
27.95
GBd
2
Channel center wavelengths (range)
1294.53 – 1296.59
1299.02 – 1301.09
1303.54 – 1305.63
1308.09 – 1310.19
nm
Average Input Power per Channel
RXPx
-6.9
-8.8
4.0
2.9
dBm
dBm
3
4
Optical Path Penalty
OPP
1.5
dB
Equivalent Sensitivity per Channel
Rxsens
-8.4
-10.3
dBm
dBm
3
4
Total Average Input Power
PIN
10.0
dBm
Channel Power Difference
∆PIN
5.5
dB
LOS De-Assert
LOSD
-11.6
dBm
LOS Assert
LOSA
-13.6
dBm
LOS Hysteresis
1
dBm
Notes:
1.
Transmitter consists of 4 lasers operating at 27.95Gb/s each.
2.
Receiver consists of 4 photodetectors operating at 27.95Gb/s each.
3.
Specified at a BER of 10-6 (pre-FEC), per ITU-T OTU4 with Tx ER range of 4 to 6.5dB
4.
Specified at a BER of 10-6 (pre-FEC), per ITU-T OTU4 with Tx ER > 7dB


Similar Part No. - FTLC1122SDNL

ManufacturerPart No.DatasheetDescription
Finisar Corporation.
Finisar Corporation.
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results

Similar Description - FTLC1122SDNL

ManufacturerPart No.DatasheetDescription
Finisar Corporation.
Finisar Corporation.
FTLC8221SCNM FINISAR-FTLC8221SCNM Datasheet
406Kb / 11P
   100m Multi-rate 100GE CFP2 Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
   10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC8221RFNM FINISAR-FTLC8221RFNM Datasheet
396Kb / 10P
   300m, 10x10.3GbE CFP2 Optical Transceiver Module
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz