Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTLC1122SDNL Datasheet(PDF) 4 Page - Finisar Corporation.

Part No. FTLC1122SDNL
Description  10km Multi-rate 100Gb/s CFP2 Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FINISAR [Finisar Corporation.]
Homepage  http://www.finisar.com/home.php
Logo 

FTLC1122SDNL Datasheet(HTML) 4 Page - Finisar Corporation.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLC1122SDNL Product Specification
 Finisar Corporation – 26-Mar-2018
Rev. C3
Page 4
II.
Absolute Maximum Ratings
Module performance is not guaranteed beyond the operating range (see Section VI).
Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
C
Case Operating Temperature
TOP
0
75
C
Relative Humidity
RH
15
85
%
1
Receiver Damage Threshold, per Lane
PRdmg
5.5
dBm
Notes:
1.
Non-condensing.
III.
Electrical Characteristics (EOL, TOP = 0 to 75 C, VCC = 3.2 to 3.4 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.2
3.4
V
Supply Current
Icc
2.5
A
Module total power
P
4.5
5
W
1
Transmitter
Signaling rate per lane
27.95
Gb/s
2
Input differential impedance
Rin
CAUI-4 as defined by IEEE
802.bm

Differential data input swing per lane
Vin,pp
mV
Data input rise time tolerance
tr
ps
Data input rise time tolerance
tf
ps
Electrical input eye mask definition
{X1, X2}
{Y1, Y2}
UI
mV
Receiver
Signaling rate per lane
27.95
Gb/s
2
Differential data output swing per lane
Vout,pp
CAUI-4 as defined by IEEE
802.bm
mV
Data output rise time
tr
ps
Data output fall time
tf
ps
Electrical output eye mask definition
{X1, X2}
{Y1, Y2}
UI
mV
Power Supply Noise Tolerance
Vrip
Per Table 4-1 in the CFP2 MSA
document1
Notes:
1.
CFP2 Power Class 2: Maximum total power value is specified across the full temperature and stressed
voltage range.
2.
+/- 100ppm
FTLC1122SDNx Clocking Signals


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn