Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5111V-50MSOP Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5111V-50MSOP
Description  100-Tap Digitally Programmable Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111V-50MSOP Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5111V-50MSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5111V-50MSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Doc. No. 2009, Rev. R
CAT5113
OPERATION MODES
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC to GND ...................................... –0.5V to +7V
Inputs
CS to GND .............................–0.5V to VCC +0.5V
INC to GND ............................–0.5V to VCC +0.5V
U/
D to GND ............................–0.5V to VCC +0.5V
H to GND ................................ –0.5V to VCC +0.5V
L to GND ................................ –0.5V to VCC +0.5V
W to GND ............................... –0.5V to VCC +0.5V
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix) ...... 0
°C to +70°C
Industrial (‘I’ suffix) ...................... – 40
°C to +85°C
Junction Temperature ..................................... +150
°C
Storage Temperature ....................... –65
°C to +150°C
Lead Soldering (10 sec max) .......................... +300
°C
* Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Absolute Maximum Ratings
are limited values applied individually while other parameters are
within specified operating conditions, and functional operation at any
of these conditions is NOT implied. Device performance and reliability
may be impaired by exposure to absolute rating conditions for extended
periods of time.
NOTES:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V
(3) IW=source or sink
(4) These parameters are periodically sampled and are not 100% tested.
RL
CL
CH
RH
CW
RWB
Rwi
Potentiometer
Equivalent Circuit
INC
CS
U/D
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
6.0
V
ICC1
Supply Current (Increment)
VCC = 6V, f = 1MHz, IW=0
100
µA
VCC = 6V, f = 250kHz, IW=0
50
ICC2
Supply Current (Write)
Programming, VCC = 6V
1
mA
VCC = 3V
500
µA
ISB1 (2)
Supply Current (Standby)
CS=VCC-0.3V
0.01
1
µA
U/D, INC=VCC-0.3V or GND
DC Electrical Characteristics: VCC = +2.5V to +6.0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0V
–10
µA
VIH1
TTL High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
2
VCC
V
VIL1
TTL Low Level Input Voltage
0
0.8
V
VIH2
CMOS High Level Input Voltage
2.5V
≤ VCC ≤ 6V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
-0.3
VCC x 0.2
V
Logic Inputs


Similar Part No. - CAT5111V-50MSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111V-50MSOP CATALYST-CAT5111V-50MSOP Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
More results

Similar Description - CAT5111V-50MSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com