Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P004-003-AWH Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P004-003-AWH
Description  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., White
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P004-003-AWH Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
C14 Male to C13 Female Power Cable, C13 to C14
PDU Style - 10A, 250V, 18 AWG, 3 ft., White
MODEL NUMBER: P004-003-AWH
Computer power extension cord connects 2 devices with C13/C14 power connectors or extends your
existing power connection by 3 ft.
Features
C14-to-C13 Power Cable Connects Computers, Printers, Servers and Other Equipment
This IEC-320-C14 to IEC-320-C13 cable is designed for small data center or office workstation
applications that do not require a heavy-gauge connection. This C14 male to C13 female cord can be
used to power a computer, server or monitor; attach a server or drive to a UPS system or PDU; or extend
an existing connection up to three feet. The three-foot length helps reduce cable clutter and minimize the
risk of tripping.
Color-Coded to Avoid Misidentification That Can Cause Costly Downtime
This computer power extension cord features a white SJT jacket and fully molded white ends. The color-
coding allows easy, fast identification in a crowded rack or workstation and helps prevent the cable from
becoming inadvertently disconnected.
Highlights
Recommended for powering
computers, printers and other
essential peripherals
q
Adds 3 ft. to your existing
connection to provide more
flexibility in placing devices
q
C13-to-C14 PDU-style
extension cord is ideal
replacement for worn-out or
missing cable
q
Color-coded white for fast, easy
identification in a crowded rack
or workstation
q
Applications
Connect devices like computers,
servers and monitors to a PDU
up to 3 ft. away in your data
center
q
Extend an existing power
connection up to 3 ft. to more
easily place a device or reach a
power source near your
workstation
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P004-003-AWH C14 Male to
C13 Female Power Cable, 3 ft.,
White
q
OVERVIEW
UPC Code
037332198877
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn