Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P004-003-AWH Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. P004-003-AWH
Description  C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., White
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P004-003-AWH Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Country/Region
North America
INPUT
Maximum Input Amps
10
Cable Length (ft.)
3
Cable Length (m)
0.9
Cable Length (in.)
36
Voltage Compatibility (VAC)
250
Cable Length (cm)
91.44
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
0.50 x 7.40 x 9.00
Shipping Dimensions (hwd / cm)
1.27 x 18.80 x 22.86
Shipping Weight (lbs.)
0.40
Shipping Weight (kg)
0.18
Color
White
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Storage Temperature Range
-4 F TO 140 F (-20 C TO 60 C)
Operating Humidity Range
10-85% RH
Storage Humidity Range
10-85% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
WARRANTY
2 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn