Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCL-8520 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCL-8520
Description  1000BASE-T Copper GBIC Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCL-8520 Datasheet(HTML) 5 Page - Finisar Corporation.

  FCL-8520 Datasheet HTML 1Page - Finisar Corporation. FCL-8520 Datasheet HTML 2Page - Finisar Corporation. FCL-8520 Datasheet HTML 3Page - Finisar Corporation. FCL-8520 Datasheet HTML 4Page - Finisar Corporation. FCL-8520 Datasheet HTML 5Page - Finisar Corporation. FCL-8520 Datasheet HTML 6Page - Finisar Corporation. FCL-8520 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FCL-8520/8521-3 1000BASE-T GBIC Product Specification
Finisar
VI. Environmental Specifications
The FCL-8520/8521-3 has an extended range from 0°C to +75°C case temperature as
specified in Table 8.
Environmental
Specifications
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Operating Temperature
Top
0
75
°C
Case temperature
Storage Temperature
Tsto
-40
85
°C
Ambient temperature
Table 7. Environmental specifications
VII. Serial Communication Protocol
All Finisar GBICs are ‘Module Definition “4”’ and support the 2-wire serial
communication protocol outlined in the GBIC Specification
1. These GBICs use an Atmel
AT24C01A 128 byte E
2PROM with an address of A0h. For details on interfacing with
the E
2PROM, see the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial
CMOS E
2PROM.”5
The 1000BASE-T physical layer IC can also be accessed via the 2-wire serial bus at
address A4h. For details interfacing with the PHY IC, see Marvell data sheet titled
“Alaska Ultra 88E1011/88E1001S Integrated Gigabit Ethernet Transceiver”
6 (Marvell
document number MV-5100281-00).
Serial Bus Timing
Requirements
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
I
2C Clock Rate
0
100,000
Hz
Table 8. Serial bus timing requirements
© Finisar Corporation
Page 5
Rev A, February 2006


Similar Part No. - FCL-8520

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
More results

Similar Description - FCL-8520

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCM-8520-3 FINISAR-FCM-8520-3 Datasheet
165Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-09 BEL-SFP-1GBT-09 Datasheet
667Kb / 12P
   SFP Copper Transceiver, 1000Base-T to GBIC with SyncE
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com