Electronic Components Datasheet Search |
|
FCL-8520 Datasheet(PDF) 3 Page - Finisar Corporation. |
|
FCL-8520 Datasheet(HTML) 3 Page - Finisar Corporation. |
3 / 7 page FCL-8520/8521-3 1000BASE-T GBIC Product Specification Finisar II. +5V Volt Electrical Power Interface The FCL-8520/8521-3 has an extended input voltage range of 4.5 to 5.5 V, compared to the GBIC standard of 4.25 to 5.25 V. The 6V maximum voltage is not allowed for continuous operation. Note: +5 Volt Electrical Power Interface Parameter Symbol Min Typ Max Units Notes/Conditions Supply Current Is 310 375 mA 1.7W max power over full range of voltage and temperature. See Note 1. Input Voltage Vcc 4.5 5 5.5 V Referenced to GND. Maximum Voltage Vmax 6 V Surge Current Isurge 450 mA Hot plug. See Note 1. Table 2. +5 Volt electrical power interface 1. Caution: Power consumption and inrush current are higher than the specified values in the GBIC Specification Rev 5.5 1. III. Low-Speed Signals RX_LOS is a TTL signals as described in Table 3 and 4. MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA), are open drain CMOS signals (see section VII, “Serial Communication Protocol”). Both MOD_DEF(1) and MOD_DEF(2) must be pulled up to host_Vcc. For more detailed information, see sections 5.3.1 – 5.3.8 in the GBIC Specification Rev. 5.5 1. Low-Speed Signals, Electronic Characteristics Parameter Symbol Min Max Units Notes/Conditions GBIC Output LOW VOL 0 0.5 V 4.7k to 10k pull-up to host_Vcc, measured at host side of connector GBIC Output HIGH VOH host_Vcc - 0.5 host_Vcc + 0.3 V 4.7k to 10k pull-up to host_Vcc, measured at host side of connector GBIC Input LOW VIL 0 0.8 V 4.7k to 10k pull-up to Vcc, measured at GBIC side of connector GBIC Input HIGH VIH 2 Vcc + 0.3 V 4.7k to 10k pull-up to Vcc, measured at GBIC side of connector Table 3. Low-speed signals, electronic characteristics © Finisar Corporation Page 3 Rev A, February 2006 |
Similar Part No. - FCL-8520 |
|
Similar Description - FCL-8520 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |