Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89850UMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89850UMGTR
Description  Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89850UMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89850UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89850UMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY89850U
February 2005
7
M9999-020305
hbwhelp@micrel.com or (408) 955-1690
Functional Characteristics
VCC = 3.3V, GND = 0V, VIN = ≥ 400mVpp, tr/tf ≤ 300ps, TA = 25°C, unless otherwise stated.


Similar Part No. - SY89850UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850UMGTR MICREL-SY89850UMGTR Datasheet
526Kb / 10P
   Precision Low-Power LVPECL Line
More results

Similar Description - SY89850UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U Datasheet
192Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58016L MICREL-SY58016L Datasheet
135Kb / 5P
   3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com