Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. MC34063AD
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC34063AD Datasheet(HTML) 13 Page - Texas Instruments

Back Button MC34063AD Datasheet HTML 7Page - Texas Instruments MC34063AD Datasheet HTML 8Page - Texas Instruments MC34063AD Datasheet HTML 9Page - Texas Instruments MC34063AD Datasheet HTML 10Page - Texas Instruments MC34063AD Datasheet HTML 11Page - Texas Instruments MC34063AD Datasheet HTML 12Page - Texas Instruments MC34063AD Datasheet HTML 13Page - Texas Instruments MC34063AD Datasheet HTML 14Page - Texas Instruments MC34063AD Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MECHANICAL DATA
MPDI001A – JANUARY 1995 – REVISED JUNE 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
P (R-PDIP-T8)
PLASTIC DUAL-IN-LINE
8
4
0.015 (0,38)
Gage Plane
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
MAX
0.430 (10,92)
4040082/D 05/98
0.200 (5,08) MAX
0.125 (3,18) MIN
5
0.355 (9,02)
0.020 (0,51) MIN
0.070 (1,78) MAX
0.240 (6,10)
0.260 (6,60)
0.400 (10,60)
1
0.015 (0,38)
0.021 (0,53)
Seating Plane
M
0.010 (0,25)
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001
For the latest package information, go to http://www.ti.com/sc/docs/package/pkg_info.htm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM3488 High Efficiency Low-Side N-Channel Controller for Switching Regulators 1  2  3  4  5  More National Semiconductor (TI)
MA2820 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
STR-F6600 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS 1  2  3  4  5  More Allegro MicroSystems
LT1182 CCFL/LCD Contrast Switching Regulators 1  2  3  4  5  More Linear Technology
MSK5041-3.3H HIGH EFFICIENCY 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS 1  2  3  4  5  More M.S. Kennedy Corporation
MA2830 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
STR-S5707 OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR 1  2  3  4  5  More Allegro MicroSystems
LT1268B 7.5A 150kHz Switching Regulators 1  2  3  4  Linear Technology
LTC1142 Dual High Efficiency Synchronous Step-Down Switching Regulators 1  2  3  4  5  More Linear Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn