Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. MC34063AD
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC34063AD Datasheet(HTML) 7 Page - Texas Instruments

Back Button MC34063AD Datasheet HTML 3Page - Texas Instruments MC34063AD Datasheet HTML 4Page - Texas Instruments MC34063AD Datasheet HTML 5Page - Texas Instruments MC34063AD Datasheet HTML 6Page - Texas Instruments MC34063AD Datasheet HTML 7Page - Texas Instruments MC34063AD Datasheet HTML 8Page - Texas Instruments MC34063AD Datasheet HTML 9Page - Texas Instruments MC34063AD Datasheet HTML 10Page - Texas Instruments MC34063AD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SLLS636D – DECEMBER 2004 – REVISED MARCH 2005
MC33063A, MC34063A
1.5A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Q
S
R
CT
Ipk
Q2
Q1
2
1
CT
Oscillator
_
+
1.25-V
Reference
Regulator
4
5
3
8
7
6
RSC
0.33
3.8 k
R2
L
220
µH
CO
1N5819
470
µF
470 pF
R1
1.2 k
100
µF
+
+
VCC
Vout
5 V/500 mA
1.0
µH
100
µF
+
Vout
Optional Filter
Vin
25 V
Comparator
TEST
CONDITIONS
RESULTS
Line Regulation
VIN = 15 V to 25 V, IO = 500 mA
12 mV
± 0.12%
Load Regulation
VIN = 25 V, IO = 50 mA to 500 mA
3 mV
± 0.03%
Output Ripple
VIN = 25 V, IO = 500 mA
120 mVPP
Short-Circuit Current
VIN = 25 V, RL = 0.1 Ω
1.1 A
Efficiency
VIN = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
VIN = 25 V, IO = 500 mA
40 mVPP
Figure 8. Step-Down Converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM3488 High Efficiency Low-Side N-Channel Controller for Switching Regulators 1  2  3  4  5  More National Semiconductor (TI)
MA2820 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
STR-F6600 OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS 1  2  3  4  5  More Allegro MicroSystems
LT1182 CCFL/LCD Contrast Switching Regulators 1  2  3  4  5  More Linear Technology
MSK5041-3.3H HIGH EFFICIENCY 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS 1  2  3  4  5  More M.S. Kennedy Corporation
MA2830 Power Switching Regulators 1  2  3  4  5  More Shindengen Electric Mfg.Co.Ltd
STR-S5707 OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR 1  2  3  4  5  More Allegro MicroSystems
LT1268B 7.5A 150kHz Switching Regulators 1  2  3  4  Linear Technology
LTC1142 Dual High Efficiency Synchronous Step-Down Switching Regulators 1  2  3  4  5  More Linear Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn