Electronic Components Datasheet Search |
|
MIC5265-1.8YD5 Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
MIC5265-1.8YD5 Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 11 page MIC5265 150mA µCap LDO Regulator Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com April 2005 M9999-041505 (408) 955-1690 General Description The MIC5265 is a 150mA LDO in lead-free Thin SOT-23-5 packaging ideal for applications where cost is the priority. The MIC5265 is ideal for any application in portable electronics, including both RF and Digital applications. With low output noise and high PSRR, the MIC5265 is ideal for noise sensitive applications such as RF. While the fast transient response and active shutdown circuitry makes it well-suited for powering digital circuitry. The MIC5265 has a 2.7V to 5.5V input operating voltage range, making it ideal for operation from a single cell lithium ion battery or fixed 3.3V and 5V systems. The MIC5265 come with an enable pin and can be put into a zero off-mode current state. The MIC5265 offers low dropout voltage (210mV at 150mA), low output noise (57µVrms), high PSRR and integrates an active shutdown circuit on the output of each regulator to discharge the output voltage when disabled. Data sheets and supporting documentation can be found on Micrel’s web site at: www.micrel.com Features • 2.7V to 5.5V supply voltage. • Low 75µA quiescent current per LDO. • Thin SOT-23-5 package. • Low Noise – 57µVrms. • High PSRR – 60dB at 1kHz. • Low dropout voltage – 210mV at 150mA. • Stable with ceramic output capacitors. • Fast transient response. • Active shutdown. Applications • Cellular Telephones • PDAs • GPS Receivers ____________________________________________________________________________________________________________ Typical Application MIC5265-xxYD5 VIN VOUT BYP GND EN Rx/Synth RF Receiver 0.01µF 1µF 1µF RF Power Supply 0 -10 -20 -40 -50 -60 -70 0.01 0.1 1 10 100 1000 FREQUENCY (kHz) Power Supply Rejection Ratio -30 -80 VIN = VOUT + 1V VOUT = 3.1V BYP = 0.1µF COUT = 1µF |
Similar Part No. - MIC5265-1.8YD5 |
|
Similar Description - MIC5265-1.8YD5 |